Part Number Hot Search : 
PC811 BTB857D3 28F64 28100 00050 S20C45C MCR707A 31600
Product Description
Full Text Search
 

To Download PA2411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P r o d PA241 v a t i o n F r o m uct Inno
PA241 PA241
High Voltage Power Operational Amplifier
FEATURES
* RoHSCOMPLIANT * MONOLITHICMOSTECHNOLOGY * LOWCOST * HIGHVOLTAGEOPERATION--350V * LOWQUIESCENTCURRENTTYP.--2.2mA * NOSECONDBREAKDOWN * HIGHOUTPUTCURRENT--120mAPEAK * AVAILABLEINDIEFORM--CPA241
APPLICATIONS
* PIEZOELECTRICPOSITIONING * ELECTROSTATICTRANSDUCER&DEFLECTION * DEFORMABLEMIRRORFOCUSING * BIOCHEMISTRYSTIMULATORS * COMPUTERTOVACUUMTUBEINTERFACE
8-PINTO-3 24-PINPSOP PACKAGESTYLECE PACKAGESTYLEDF TYPICALAPPLICATION
R V IN +175 20R
10-PINSIP PACKAGESTYLEDW
Ref: APPLICATION NOTE 20: "Bridge Mode Operation of Power Amplifiers"
20R 20R +175 10pF A1 PA241 R CL 47 10pF A2 PA241
DESCRIPTION
The PA241 is a high voltage monolithic MOSFET operational amplifier which achieves performance features previously found only in hybrid designs while increasing reliability. Inputs are protected from excessive common mode and differential mode voltages. The safe operating area (SOA) has no second breakdown limitation and can be observed with all type loads by choosing an appropriate current limiting resistor. External compensation provides the user flexibility in choosing optimum gain and bandwidth for the application. The PA241CE is packaged in a hermetically sealed 8-pin TO-3 package. The metal case of the PA241CE is isolated in excess of full supply voltage. The PA241DF is packaged in a 24 pin PSOP (JEDEC MO166) package. The metal heat slug of the PA241DF is isolated in excess of full supply voltage. The PA241DW is packaged in Apex Precision Power's hermetic ceramic SIP package. The alumina ceramic isolates the die in excess of full supply voltage.
PIEZO TRANSDUCER 47
R CL
Rn Cn
-175
LOW COST 660V p-p PIEZO DRIVE
-175
Two PA241 amplifiers operated as a bridge driver for a piezo transducer provides a low cost 660 volt total drive capability. The RN CN network serves to raise the apparent gain of A2 at high frequencies. If RN is set equal to R the amplifiers can be compensated identically and will have matching bandwidths.
EXTERNALCONNECTIONS
PA241CE
RCL CC C C1 3 OUT 4 5 -IN 2 C C2 1 ILIM
1
PA241DW
2 3 4 5 6 7 8 9 10
NC NC -VS +VS ILIM CC2 CC1 OUT CC RCL
-IN +IN
EQUIVALENTSCHEMATIC
TOP VIEW 6 +IN 8 7 -VS
NC NC NC NC NC +IN NC NC NC NC -VS -IN
+VS
+VS
For CC values, see graph on page 4. Note: CC must be rated for full supply voltage.
PA241DF
C C1 C C2 +IN -IN ILIM OUT
1
24
NC NC NC OUT NC COMP NC COMP NC ILIM NC +VS CC RCL
-VS
NOTE: PA241CE Recommended mounting torque is 4-7 in*lbs (.45 -.79 N*m) CAUTION: The use of compressible, thermally conductive insulators may void warranty.
PA241U
www.cirrus.com
Copyright (c) Cirrus Logic, Inc. 2009 (All Rights Reserved)
+
-
DEC 2009 1 APEX - PA241UREVI
PA241
ABSOLUTEMAXIMUMRATINGS
Product Innovation From
PA241CE PA241CEA SUPPLY VOLTAGE, +VS to -VS OUTPUT CURRENT, continuous within SOA OUTPUT CURRENT, peak POWER DISSIPATION, continuous @ TC = 25C INPUT VOLTAGE, differential INPUT VOLTAGE, common mode TEMPERATURE, pin solder - 10 sec TEMPERATURE, junction2 TEMPERATURE, storage TEMPERATURE RANGE, powered (case) 350V 60 mA 120 mA 12W 16 V VS 300C 150C -65 to +150C -40 to +125C
MIN PA241CEA TYP 15 * * * * * * * * * * * * * * * VS-8.5 * * * * * * * * * * * *
PA241DF PA241DFA 350V 60 mA 120 mA 12W 16 V VS 220C 150C -65 to +150C -40 to +125C
MAX 30 * * * * * UNITS mV V/C V/C V/V V/kh pA pA/V pA pF V V dB V RMS V p-p dB MHz kHz V mA mA s V/s * 2.3 * * * * * V mA C/W C/W C/W C/W C/W C/W C
SPECIFICATIONS
PARAMETER INPUT OFFSET VOLTAGE, initial OFFSET VOLTAGE, vs. temperature3 OFFSET VOLTAGE, vs. temperature3 OFFSET VOLTAGE, vs supply OFFSET VOLTAGE, vs time BIAS CURRENT, initial6 BIAS CURRENT, vs supply OFFSET CURRENT, initial6 INPUT IMPEDANCE, DC INPUT CAPACITANCE COMMON MODE, voltage range COMMON MODE, voltage range COMMON MODE REJECTION, DC NOISE, broad band NOISE, low frequency GAIN OPEN LOOP at 15Hz BANDWIDTH, gain bandwidth product POWER BANDWIDTH OUTPUT VOLTAGE SWING CURRENT, peak4 CURRENT, continuous SETTLING TIME to .1% SLEW RATE RESISTANCE5, 1mA RESISTANCE5, 40 mA POWER SUPPLY VOLTAGE CURRENT, quiescent THERMAL PA241CE RESISTANCE, AC junction to case PA241DF RESISTANCE, AC junction to case PA241CE RESISTANCE, DC junction to case PA241DF RESISTANCE, DC junction to case PA241CE RESISTANCE, junction to air PA241DF RESISTANCE, junction to air7 TEMPERATURE RANGE, case F > 60Hz F > 60Hz F < 60Hz F < 60Hz Full temperature range Full temperature range Meets full range spec's TEST CONDITIONS1
PA241CE, PA241DF MIN TYP MAX 25 100 270 3 70 5/50 0.2/2 2.5/50 1011 6 94 50 125 96 3 30 VS-10 2 30 150 5 150 2.2 5.4 6 9 9 30 25 175 2.5 6.5 7 10.4 11 +85 40 250 500 130 50/200 50/200
25 to 85C -25 to 25C
VCM = 90V DC 10kHz BW, RS = 1K 1-10 Hz RL = 5K 280V p-p IO = 40mA 10V step, A V = -10 CC = 3.3pF RCL = 0 RCL = 0
+VS-14 -VS+12 84
* * *
90
*
VS-12 120 60
VS-10 * *
50
*
-25
*
NOTES:
* 1. 2. 3. 4. 5. 6. 7.
"A" specification is the same as the non "A" specification. Unless otherwise noted TC = 25C, CC = 6.8pF. DC input specifications are value given. Power supply voltage is typical rating. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to achieve high MTTF. For guidance, refer to heatsink data sheet. Sample tested by wafer to 95%. Guaranteed but not tested. The selected value of RCL must be added to the values given for total output resistance. Specifications separated by / indicate values for the PA241CE and PA241DF respectively. Rating applies with solder connection of heatslug to a minimum 1 square inch foil area of the printed circuit board. The PA241 is constructed from MOSFET transistors. ESD handling procedures must be observed.
CAUTION
2
PA241U
Product Innovation From
PA241
PA241DW PA241DWA 350V 60 mA 120 mA 9W 16 V VS 220C 150C -65 to +150C -40 to +125C
PA241DWA TYP 15 * * * * * * * * * * * * * * * VS-8.5 * * * * * * * * * * 2.3 * * *
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, +VS to -VS OUTPUT CURRENT, continuous within SOA OUTPUT CURRENT, peak POWER DISSIPATION, continuous @ TC = 25C INPUT VOLTAGE, differential INPUT VOLTAGE, common mode TEMPERATURE, pin solder - 10 sec TEMPERATURE, junction2 TEMPERATURE, storage TEMPERATURE RANGE, powered (case)
SPECIFICATIONS
PARAMETER INPUT OFFSET VOLTAGE, initial OFFSET VOLTAGE, vs. temperature3 OFFSET VOLTAGE, vs. temperature3 OFFSET VOLTAGE, vs supply OFFSET VOLTAGE, vs time BIAS CURRENT, initial BIAS CURRENT, vs supply OFFSET CURRENT, initial INPUT IMPEDANCE, DC INPUT CAPACITANCE COMMON MODE, voltage range COMMON MODE, voltage range COMMON MODE REJECTION, DC NOISE, broad band NOISE, low frequency GAIN OPEN LOOP at 15Hz BANDWIDTH, gain bandwidth product POWER BANDWIDTH OUTPUT VOLTAGE SWING CURRENT, peak4 CURRENT, continuous SETTLING TIME to .1% SLEW RATE RESISTANCE5, 1mA RESISTANCE5, 40 mA POWER SUPPLY VOLTAGE CURRENT, quiescent THERMAL PA241DW RESISTANCE, AC junction to case PA241DW RESISTANCE, DC junction to case PA241DW RESISTANCE, junction to air TEMPERATURE RANGE, case F > 60Hz F < 60Hz Full temperature range Meets full range spec's TEST CONDITIONS1 MIN
PA241DW TYP 25 100 270 3 70 100 15 100 1011 6 94 50 125 96 3 30 VS-10 2 30 150 5 150 2.2 7 12 55
MAX 40 250 500 130 2000 50 400
MIN
MAX 30 * * * * *
UNITS mV V/C V/C V/V V/kh pA pA/V pA pF V V dB V RMS V p-p dB MHz kHz V mA mA s V/s V mA C/W C/W C/W C
25 to 85C -25 to 25C
VCM = 90V DC 10kHz BW, RS = 1K 1-10 Hz RL = 5K 280V p-p IO = 40mA 10V step, A V = -10 CC = 3.3pF RCL = 0 RCL = 0
+VS-14 -VS+12 84
* * *
90
*
VS-12 120 60
VS-10 * *
50
175 2.5 10 14 +85
*
-25
*
NOTES:
* 1. 2. 3. 4. 5.
"A" specification is the same as the non "A" specification. Unless otherwise noted TC = 25C, CC = 6.8pF. DC input specifications are value given. Power supply voltage is typical rating. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to achieve high MTTF. For guidance, refer to heatsink data sheet. Sample tested by wafer to 95%. Guaranteed but not tested. The selected value of RCL must be added to the values given for total output resistance.
CAUTION
The PA241 is constructed from MOSFET transistors. ESD handling procedures must be observed.
PA241U
3
PA241
POWER DERATING T = TC T = TC PA241CE PA241DF PA241DW
Product Innovation From
INTERNAL POWER DISSIPATION, P(W)
15 12 9 6 3 0
0.95 0.90 0.85 0.80
ILIMIT VS. TEMPERATURE
100
GAIN AND COMPENSATION
VBEVBE+
COMPENSATION, pF
TC = 125C 10 TC = 85C TC = 55C 1 TC = 25C 0.1 1
T = TA T = TA 0 25 50 75 100 TEMPERATURE, T (C) SMALL SIGNAL RESPONSE .75pF 125
VBE (V)
0.75 0.70 0.65 0.60 0.55 0.50 -55 -35 -15 5 25 45 65 85 105 125 TEMPERATURE, (C)
10 GAIN POWER RESPONSE
100
OUTPUT VOLTAGE, (VOUT)(p-p)
100
-90 -100 -110
PHASE RESPONSE
1000
OPEN LOOP GAIN, A (dB)
.75pF 6.8pF 15pF 33pF
100
80 60 40 20 0 -20 10 100 15pF 68pF
6.8pF
15pF .75pF 68pF 6.8pF
PHASE, ()
-120 -130 -140 -150 -160 -170
68pF
1K 10K 100K 1M FREQUENCY, F (Hz)
10M
-180 10K
100K 1M FREQUENCY, F (Hz) SLEW RATE
10M
10 10K
100K FREQUENCY, F (Hz) QUIESCENT CURRENT
1M
10
HARMONIC DISTORTION 35
NORMALIZED QUIESCENT CURRENT (%)
120 115 110 105 100 95 90 85 80 100 150 200 250 300 350 TOTAL SUPPLY VOLTAGE, (V) 12 10
1
SLEW RATE, (V/s)
DISTORTION, (%)
30V P-P 60V P-P 180V P-P
25
I Q (85
C)
C)
)
0.1
I Q (25
0.01
AV = 20 CC = 15pF RL = 2K 1K 10K FREQUENCY, F (Hz) 100K
15
IQ (-25C
0.001 100
5 0 10 20 30 40 50 60 70 COMPENSATION CAPACITANCE, CC (pF)
COMMON MODE REJECTION, CMR (dB)
120 100 80 60 40 20 0 10
POWER SUPPLY REJECTION, PSR (dB)
COMMON MODE REJECTION
100 90 80 70
POWER SUPPLY REJECTION
OUTPUT VOLTAGE SWING
VDROP- @85C VDROP+ @85C
NEGATIVE
VDROP FROM VS, (V)
8 6 4 2
POSITIVE 60 50 40 10 100 1K 10K FREQUENCY, F (Hz) 100K
VDROP+ @25C VDROP- @25C
10K 100 1K FREQUENCY, F (Hz)
100K
0
0
20 40 60 80 100 120 OUTPUT CURRENT, IO (mA)
4
PA241U
Product Innovation From
PA241
CURRENTLIMIT
For proper operation, the current limit resistor, Rcl, must be connected as shown in the external connection diagram. The minimum value is 3.9 ohms, however for optimum reliability, the resistor should be set as high as possible. The maximum practical value is 110 ohms. Current limit values can be predicted as follows: Ilimit = Vbe Rcl Where Vbe is shown in the CURRENT LIMIT typical graph. Note that +Vbe should be used to predict current through the +Vs pin, -Vbe for current through the -Vs pin, and that they vary with case temperature. Value of the current limit resistor at a case temperature of 25 can be estimated as follows: Rcl = 0.7 Ilimit When the amplifier is current limiting, there may be spurious oscillation present during the current limited portion of the negative half cycle. The frequency of the oscillation is not predictable and depends on the compensation, gain of the amplifier, value of the current limit resistor, and the load. The oscillation will cease as the amplifier comes out of current limit.
GENERAL
Please read Application Note 1 "General Operating Considerations" which covers stability, power supplies, heat sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.Cirrus.com for design tools that help automate tasks such as calculations for stability, internal power dissipation, current limit, heat sink selection, Apex Precision Power's complete Application Notes library, Technical Seminar Workbook and Evaluation Kits.
PHASECOMPENSATION
Open loop gain and phase shift both increase with increasing temperature. The PHASE COMPENSATION typical graph shows closed loop gain and phase compensation capacitor value relationships for four case temperatures. The curves are based on achieving a phase margin of 50. Calculate the highest case temperature for the application (maximum ambient temperature and highest internal power dissipation) before choosing the compensation. Keep in mind that when working with small values of compensation, parasitics may play a large role in performance of the finished circuit. The compensation capacitor must be rated for at least the total voltage applied to the amplifier and should be a temperature stable type such as NPO or COG.
OTHERSTABILITYCONCERNS
There are two important concepts about closed loop gain when choosing compensation. They stem from the fact that while "gain" is the most commonly used term, (the feedback factor) is really what counts when designing for stability. 1. Gain must be calculated as a non-inverting circuit (equal input and feedback resistors can provide a signal gain of -1, but for calculating offset errors, noise, and stability, this is a gain of 2). 2. Including a feedback capacitor changes the feedback factor or gain of the circuit. Consider Rin=4.7k, Rf=47k for a gain of 11. Compensation of 4.7 to 6.8pF would be reasonable. Adding 33pF parallel to the 47k rolls off the circuit at 103kHz, and at 2MHz has reduced gain from 11 to roughly 1.5 and the circuit is likely to oscillate. As a general rule the DC summing junction impedance (parallel combination of the feedback resistor and all input resistors) should be limited to 5k ohms or less. The amplifier input capacitance of about 6pF, plus capacitance of connecting traces or wires and (if used) a socket will cause undesirable circuit performance and even oscillation if these resistances are too high. In circuits requiring high resistances, measure or estimate the total sum point capacitance, multiply by Rin/Rf, and parallel Rf with this value. Capacitors included for this purpose are usually in the single digit pF range. This technique results in equal feedback factor calculations for AC and DC cases. It does not produce a roll off, but merely keeps constant over a wide frequency range. Paragraph 6 of Application Note 19 details suitable stability tests for the finished circuit.
SAFEOPERATINGAREA
The MOSFET output stage of the PA241 is not limited by second breakdown considerations as in bipolar output stages. However there are still three distinct limitations: 1. Voltage withstand capability of the transistors. 2. Current handling capability of the die metalization. 3. Temperature of the output MOSFETS. These limitations can be seen in the SOA (see Safe Operating Area graphs). Note that each pulse capability line shows a constant power level (unlike second breakdown limitations where power varies with voltage stress). These lines are shown for a case temperature of 25C and correspond to thermal resistances of 5.2C/W for the PA241CE and DF and 10.4C/W for the PA241DW respectively. Pulse stress levels for other case temperatures can be calculated in the same manner as DC power levels at different temperatures. The output stage is protected against transient flyback by the parasitic diodes of the output stage MOSFET structure. However, for protection against sustained high energy flyback external fast-recovery diodes must be used.
HEATSINKING
The PA241DF package has a large exposed integrated copper heatslug to which the monolithic amplifier is directly attached. The solder connection of the heatslug to a minimum of 1 square inch foil area on the printed circuit board will result in thermal performance of 25C/W junction to air rating of the PA241DF. Solder connection to an area of 1 to 2 square inches is recommended. This may be adequate heatsinking but the large number of variables involved suggest temperature measurements be made on the top of the package. Do not allow the temperature to exceed 85C.
PA241U
5
PA241
Product Innovation From
200
OUTPUT CURRENT FROM +VS OR -VS, (mA)
PA241CE and DF SOA
20 0m
+Vs
Z1
120
100
S
-IN
+Vs Q2 -Vs OUT
50 40 30 20 10
DC
DC
DC
Q1 +IN
,T
C
=
85
,T
C
C
=
12
5
C
-Vs
Z2
5 4 3 2 10 PULSE CURVES @ 10% DUTY CYCLE MAX 20 30 50 100 200 300 500 SUPPLY TO OUTPUT DIFFERENTIAL, VS -VO (V)
FIGURE 1
OVERVOLTAGEPROTECTION
Although the PA241 can withstand differential input voltages up to 16V, in some applications additional external protection may be needed. Differential inputs exceeding 16V will be clipped by the protection circuitry. However, if more than a few milliamps of current is available from the overload source, the protection circuitry could be destroyed. For differential sources above 16V, adding series resistance limiting input current to 1mA will prevent damage.Alternatively, 1N4148 signal diodes connected anti-parallel across the input pins is usually sufficient. In more demanding applications where bias current is important, diode connected JFETs such as 2N4416 will be required. See Q1 and Q2 in Figure 1. In either case the differential input voltage will be clamped to 0.7V. This is sufficient overdrive to produce the maximum power bandwidth. In the case of inverting circuits where the +IN pin is grounded, the diodes mentioned above will also afford protection from excessive common mode voltage. In the case of non-inverting circuits, clamp diodes from each input to each supply will provide protection. Note that these diodes will have substantial reverse bias voltage under normal operation and diode leakage will produce errors. Some applications will also need over-voltage protection devices connected to the power supply rails. Unidirectional zener diode transient suppressors are recommended. The zeners clamp transients to voltages within the power supply rating and also clamp power supply reversals to ground. Whether the zeners are used or not the system power supply should be evaluated for transient performance including poweron overshoot and power-off polarity reversals as well as line regulation. See Z1 and Z2 in Figure 1.
200
OUTPUT CURRENT FROM +VS OR -VS, (mA)
PA241DW SOA
120
20 0m S
100
50 40 30 20 10
DC ,T
DC
DC
,T
12
C
=
85
C
=
C
5
C
5 4 3 2 10 PULSE CURVES @ 10% DUTY CYCLE MAX 20 30 50 100 200 300 500 SUPPLY TO OUTPUT DIFFERENTIAL, VS -VO (V)
APPLICATIONREFERENCES:
For additional technical information please refer to the following Application Notes: AN1: General Operating Considerations AN3: Bridge Circuit Drives AN25: Driving Capacitive Loads AN38: Loop Stability with Reactive Loads
6
PA241U
Product Innovation From
PA241
CONTACTING CIRRUS LOGIC SUPPORT
For all Apex Precision Power product questions and inquiries, call toll free 800-546-2739 in North America. For inquiries via email, please contact apex.support@cirrus.com. International customers can also request support by contacting their local Cirrus Logic Sales Representative. To find the one nearest to you, go to www.cirrus.com
IMPORTANT NOTICE Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED TO BE SUITABLE FOR USE IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES. Cirrus Logic, Cirrus, and the Cirrus Logic logo designs, Apex Precision Power, Apex and the Apex Precision Power logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners.
PA241U
7


▲Up To Search▲   

 
Price & Availability of PA2411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X